PART |
Description |
Maker |
EHA2-5195-5 EHA1-5195-5 EHA0-5190-6 EHA4-5190/883B |
14-Channel Programmable Switchable I2C TFT-LCD Reference Voltage Generator with Integrated 4-Channel Static Gamma Drivers; Temperature Range: -40°C to 85°C; Package: 38-QFN T&R Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op-Amp; Temperature Range: Full-Range Ind; Package: 16-QSOP Voltage-Feedback Operational Amplifier 电压反馈运算放大
|
Murata Manufacturing Co., Ltd.
|
TLE430508 TLE4305G |
Voltage-Current Regulator Wide supply voltage operation range
|
Infineon Technologies AG
|
TLE4305 |
Voltage-Current Regulator Wide supply voltage operation range
|
Infineon Technologies
|
ZM33164-3 ZM331643C ZM331643G ZM331643N8 ZM33164-3 |
IC-SM-SUPPLY MONITOR SOT223 集成电路钐电源监视器的SOT223 SUPPLY VOLTAGE MONITOR 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8 IC-SUPPLY MONITOR 集成电路电源监视 SUPPLY VOLTAGE MONITOR 电源电压监视 IC-SM-SUPPLY MONITOR 集成电路钐电源监视器
|
Zetex Semiconductor PLC Zetex Semiconductors
|
TVL05-1220 TVL05-1225 TVL05-1516 TVL05-1520 TYL05- |
DC/DC Converter Multiconductor Cable; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes SERVSWITCH USER CABLE FOR PS2 STYLE 50 FT Input voltage range:4.75-6V, output voltage /-12V ( /-200mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-12V ( /-250/125mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-15V ( /-165mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-15V ( /-200/100mA) DC/DC converter
|
TRACOPOWER[TRACO Electronic AG] TRACO ELECTRONIC AG.
|
TFDU6108-TR3 TFDU6108-TT3 |
Fast Infrared Transceiver Module (4 Mbit/s), IrDA Serial Interface Compatible, 2.7 V to 5.5 V Supply Voltage Range
|
Vishay Siliconix Vishay Intertechnology,Inc.
|
TFDU6108 |
Fast Infrared Transceiver Module (4 Mbit/s), IrDA? Serial Interface Compatible, 2.7 V to 5.5 V Supply Voltage Range
|
Vishay
|
DN6845S |
Hall IC (Operating Supply Voltage Range Vcc=3.6 to 16V, Operating in One Way Magnetic Field)
|
Panasonic
|
DN6853 |
Hall IC(Operating Supply Voltage Range VCC=3.6 to 16V, Operating in Alternative Magnetic Field)
|
PANASONIC CORP PANASONIC[Panasonic Semiconductor]
|
DN6846S |
Hall IC (Operating Supply Voltage Range Vcc=3.6 to 16V, Operating in Alternative Magnetic Field)
|
Panasonic
|
MAX4741 MAX4741EKA MAX4741EUA MAX4742EKA MAX4742EU |
0.8O, Low-Voltage, Single-Supply Dual SPST Analog Switches DUAL 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO8 0.8<img src=http://dbserv.maxim-ic.com/images/ohm.gif width=12 height=9 Low-Voltage.Single-Supply Dual SPST Analog Switches 0.8з, Low-Voltage, Single-Supply Dual SPST Analog Switches 0.8 / Low-Voltage / Single-Supply Dual SPST Analog Switches 0.8 Low-Voltage Single-Supply Dual SPST Analog Switches " 0.8|? Low-Voltage, Single-Supply Dual SPST Analog Switches" 0.8, Low-Voltage, Single-Supply Dual SPST Analog Switches 0.8? Low-Voltage, Single-Supply Dual SPST Analog Switches
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|